Part Number Hot Search : 
S1503 60001 LBS11902 ECWF2225 SGM9111 D213ED ADAM6060 29LV033
Product Description
Full Text Search
 

To Download H0006T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  turns ratio insertion loss return loss differential to common crosstalk hipot part ( 5%) 100 khz-100 mhz mode rejection (db max ) (vrms min) number (db max) (db max) (db max) transmit receive 30 mhz 60 mhz 80 mhz 30 mhz 50 mhz 100 mhz 150 mhz 30 mhz 62 mhz 100 mhz pe-69012 1:1 1:1 -1.3 -18 -13 -11 -40 -35 -30 -20 -40 -40 -35 1500 h0001 2:1 1:1 -2.0 -18 -12 -10 -30 -30 -30 -20 -40 -40 -35 1500 h0002 1:1 1:1 -1.3 -18 -13 -11 -30 -30 -30 -20 -40 -35 -30 1500 h0005 1:1* -1.1 -17 -12 -10 -30 -30 -30 -20 ??? 1500 h0006 1:25:1* -1.1 -17 -12 -10 -30 -30 -30 -30 ??? 1500 h0008 1:25:1 1:1 -1.1 -17 -12 -10 -30 -30 -30 -20 -40 -35 -30 1500 h0009 1:1 1:1 -0.9 -16 -12 -11 -35 -33 -20 -20 -50 -45 -40 1500 h0010 2:1 1:1 -1.1 -17 -12 -10 -30 -30 -30 -20 -40 -35 -30 1500 h0013 1:1 1:1 -.9 -16 -12 -11 -35 -33 -20 -20 -50 -45 -40 1500 h0022 1:1 1:1 -2.0 -18 -14 -12 -40 -35 -30 -20 -50 -45 -40 1500 * h0005 and h0006 can be used for transmit or receive channels. mechanical schematic pe-69012, h0001 half port and single port designs for maximum layout flexibility low profile packages from .094" (2,39 mm) to .078" (1,98 mm) for pc card and cardbus applications compatible with intel, tdk, qsi, and ics transceivers preliminary h304.p (2/00) electrical specifications @ 25c ? operating temperature 0c to 70c suggested pad layout pe-69012 / h0001 date code country of origin .525 13,34 max .685 17,40 .100 2,54 .585 14,86 .705 17,91 .600 15,24 12x .030 0,76 .010 x .020 0,25 x 0,51 12 surfaces 0 ? 8 .004/0,10 max .800 20,32 .094 2,39 max transmit 5 6 10 9 7 8 td ct td tx tx receive 2 3 13 12 1 14 rd ct rd rx rx weight . . . . . . . .1.3 grams tape & reel . . . . . .600/reel tube . . . . . . . . . . . .25/tube dimensions: inches unless otherwise specified, all tolerances are .010 mm 0,25 note: transmit and receive channels are interchangeable on the pe-69012. 10/100 pc card lan magnetics solutions u.s: 858 674 8100 ? ? u.k: 44 1483 401 700 ? ? france: 33 3 84 35 04 04 ? ? singapore: 65 287 8998 ? ? taiwan: 886 2 2698 0228 ? ? http://www.pulseeng.com
h0002 date code country of origin max (.050) ? 9 pl. (2,27) max 0 ? 8 max .084 2,13 .820 20,83 .030 0,76 suggested pad layout typ .050 1,27 .450 11,43 .800 20,32 .650 16,51 .600 15,24 typ .080 2,03 .450 15,24 .075 1,91 .004/0,10 12 surfaces  

       
   
     
            
   .004/0,10 16 surfaces 10/100 pc card lan magnetics solutions preliminary h304.p (2/00) h0002 mechanicals schematics h0005, h0006 receive 9 10 12 11 transmit 1 2 20 19 4 17 7 14 td ct td rd rd tx tx rx ct rx 1:1 1:1 weight . . . . . . . .1.2 grams tape & reel . . . . . .900/reel tube . . . . . . . . . . . 35/tube dimensions: inches unless otherwise specified, all tolerances are .010 mm 0,25 16 1 9 8 15 10 6 weight . . . . . . . . ..3 grams tape & reel . . . . . .600/reel tube . . . . . . . . . . . .25/tube dimensions: inches unless otherwise specified, all tolerances are .010 mm 0,25 suggested pad layout .350 8,89 .075 1,91 .420 10,67 .270 6,86 .050 1,27 .025 0,64 h0008, h0010 date code country of origin h0008 / h0010 .560 14,22 .050 1,27 .560 14,22 .670 17,01 max .078 1,98 .047 1,19 .003 0,08 16 surfaces .005/0,13 td 1 ct 2 td 3 transmit 16 tx 15 ct 14 tx rd 8 rd 6 11 rx 10 ct 9 rx receive ct 7 weight . . . . . . . .1.3 grams tape & reel . . . . . .600/reel tube . . . . . . . . . . . .35/tube dimensions: inches unless otherwise specified, all tolerances are .010 mm 0,25               u.s: 858 674 8100 ? ? u.k: 44 1483 401 700 ? ? france: 33 3 84 35 04 04 ? ? singapore: 65 287 8998 ? ? taiwan: 886 2 2698 0228 ? ? http://www.pulseeng.com
rd 2 rd 1 1:1 16 rx 15 rx receive td 7 td 8 1:1 transmit 10 tx 9 tx 11 ct 14 ct 3 ct 6 ct 12 surfaces .004 / 0,10 .150 3,81 .010 0,25 .465 11,81 . 450 11,43 .340 8,63 .020 0,51 12x .050 1,27 4x .350 8,89 .085 21,59 .010 0,25 .040 1,02 12x suggested land pattern h0022 date code country of origin 12x 0 ? 8 12x .030 0,76 .150 3,81 .050 1,27 4x .350 8,89 .475 12,07 .360 9,14
preliminary h304.p (2/00) date code country of origin  .050 1,27 .047 1,19 .003 0,08 .670 17,01 .560 14,22 .560 14,22 16 surfaces .005/0,13 .078 1,98
weight . . . . . . . .1.3 grams tape & reel . . . . . .600/reel tube . . . . . . . . . . . .35/tube dimensions: inches unless otherwise specified, all tolerances are .010 mm 0,25 10/100 pc card lan magnetics solutions                    country of origin date code h0013 .015 0,38 max .280 7,11 typ max .500 12,70 typ .018 0,45 .002 0,05 typ .050 1,27 .007 0.17 max .078 1,98 .350 8,89 max .375 9,52 .380 0,63 .004/0,10 16 surfaces rd 2 rd 1 1:1 16 rx 15 rx receive td 7 td 8 1:1 transmit 10 tx 9 tx 11 ct 14 ct 3 ct 6 ct weight . . . . . . . ..1.3 grams tape & reel . . . . . .600/reel tube . . . . . . . . . . . .35/tube dimensions: inches unless otherwise specified, all tolerances are .010 mm 0,25 suggested pad layout .350 8,89 .075 1,91 .420 10,67 .270 6,86 .050 1,27 .025 0,64 u.s: 858 674 8100 ? ? u.k: 44 1483 401 700 ? ? france: 33 3 84 35 04 04 ? ? singapore: 65 287 8998 ? ? taiwan: 886 2 2698 0228 ? ? http://www.pulseeng.com h0022                 
  
   h0013 weight . . . . . . .355 grams tape & reel . . . . .1000/reel tube . . . . . . . . . . . .40/tube dimensions: inches unless otherwise specified, all tolerances are .010 mm 0,25 mechanicals schematics h0009
the pulse 10/100 pc card modules provide isolation, impedance matching and noise attenuation in very low profile surface mount packages. this series provides various transmit turns ratios designed for use with the ic physical layer solutions offered by tdk, ics, qsi and others. electrical functions data integrity - the low profile magnetics modules are 100% tested to provide high reliable connectivity. equipment isolation - each module is designed and 100% tested to provide 1500 vrms minimum isolation per ieee 802.3 requirements. emi suppression - high impedance common mode chokes attenuate signal harmonics which may contribute to radiated and conducted emissions. transformer center-taps, when grounded, provide noise-shunting paths. the h0022 provides a shunt inductor on the transmit channel for additional noise suppression. please note the recommended values and ratings of the bypass capacitors shown in the application circuit. mechanical attributes design flexibility - the h0005 and h0006 are 1/2 port designs offering additional flexibility in pcb layout. the h0008 through h0010 and h0013 are complete 10/100 single port solutions, offering the smallest overall board usage. each device has a .078" maximum height package for use in the most height- restrictive applications. the h0022 maximum height is .085 " to facilitate additional emi performance with minimal sacrifice in footprint dimensions. process and quality standards process integrity - the pe-69012, h0001 and h0002 offer ic-grade transfer molded packages and the h0005 through h0010 and h0013 offer a bottom fill, leaded header type design. both designs are suitable for high temperature ir reflow operations with peak temperature profiles up to 235 o c. reliable solder connections - compliant lead design provides a flexible lead resulting in excellent solder-joint reliability with .002" (0,05 mm) coplanarity. all leads are solder-plated after final assembly to adhere to mil-std-202 (method 208) for solderability. note: all modules are packaged in tubes, unless tape & reel is specified. please add the suffix ?t? such as h0009 t for tape & reel orders. performance warranty of products offered on this data sheet is limited to the parameters specified. data is subject to change w ithout notice. other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. 10/100 pc card lan magnetics solutions preliminary h304.p (2/00) for more information : printed on recycled paper. ?2000, pulse engineering, inc. application notes ct td+ td- 1 2 3 rd+ rd- ct 5 6 7 ct tx+ tx- rx+ rx- 8ct 14 13 12 10 9 lan i/o connector a15 a14 a1 a2 chassis ground .01 f .01 f rx+ rx- tx+ tx- qsi 66ii 10/100base-tx ethernet transceiver .1 f 2 kv h0001 application circuits 1 2 3 6 7 8 9 16 15 14 11 10 lan i/o connector a1 a2 a15 a14 chassis ground .01 f .01 f txop txon rxip rxin .1 f 2 kv h0009 ct ct ct ct rd+ rd- td+ td- rx+ rx- tx+ tx- tx rx tdk tsc78q2120 10/100base-tx ethernet transceiver united states (worldwide) 12220 world trade drive san diego, ca 92128 quick-facts: 858 674 9672 http://www.pulseeng.com tel: 858 674 8100 fax: 858 674 8262 united kingdom (northern europe) 1 & 2 huxley road the surrey research park guildford, surrey gu2 5re united kingdom tel: 44 1483 401700 fax: 44 1483 401701 france (southern europe) zone industrielle f-39270 orgelet france tel: 33 3 84 35 04 04 fax: 33 3 84 25 46 41 taiwan, r.o.c. (northern asia) 3f-4, no. 81, sec. 1 hsintai wu road hsi-chih, taipei hsien taiwan, r.o.c. tel: 886 2 2698 0228 fax: 886 2 2698 0948 singapore (southern asia) 150 kampong ampat #07-01/02 ka centre singapore 368324 tel: 65 287 8998 fax:65 280 0080 distributor


▲Up To Search▲   

 
Price & Availability of H0006T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X